データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSMTC-5D データシート(PDF) 4 Page - Wall Industries,Inc.

部品番号 PSMTC-5D
部品情報  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMTC-5D データシート(HTML) 4 Page - Wall Industries,Inc.

  PSMTC-5D Datasheet HTML 1Page - Wall Industries,Inc. PSMTC-5D Datasheet HTML 2Page - Wall Industries,Inc. PSMTC-5D Datasheet HTML 3Page - Wall Industries,Inc. PSMTC-5D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wall Industries, Inc.
Rev E
PSMTC SERIES
15 Watt Medical AC/DC Switching Power Supplies
10/24/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 4
MECHANICAL DRAWING
1
2
3
2.52 (64.0)
2.13 (54.0)
0.92 (23.5)
0.16 (4.0)
0.24
(6.0)
0.04 (1.0)
Unit: inches (mm)
Tolerance: ±0.02” (±0.5mm)
4
5
6
7
8
9
0.24 (6.0)
TOP VIEW
PIN CONNECTIONS
PIN
SINGLE
DUAL
TRIPLE
1
NO PIN
NO PIN
NO PIN
2
AC IN (L)
AC IN (L)
AC IN (L)
3
AC IN (N)
AC IN (N)
AC IN (N)
4
-DC OUT
-DC OUT
+5V RTN
5
NO PIN
COMMON
+5V OUT
6
NO PIN
NO PIN
-DC OUT
7
+DC OUT
+DC OUT
NO PIN
8
NO PIN
NO PIN
COMMON
9
NO PIN
NO PIN
+DC OUT
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing
support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com