データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSPDF-480 データシート(PDF) 1 Page - Wall Industries,Inc.

部品番号 PSPDF-480
部品情報  AC/DC Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-480 データシート(HTML) 1 Page - Wall Industries,Inc.

  PSPDF-480 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-480 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc.
Rev A 
PSPDF‐480 SERIES
Up to 528 Watts, AC/DC Switching Power Supplies
11/04/2014  
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH  03833 • Tel: 603‐778‐2300 • Toll Free: 888‐597‐9255 • Fax 603‐778‐9797 
website: www.wallindustries.com • e‐mail: sales@wallindustries.com 
Page 1 of 3
 
 
E232347
 
 
Size:  
Weight: 
8.58 x 4.59 x 1.61 inches  
3.2 lbs (1450g) 
218.0 x 116.5 x 41.0 mm 
  FEATURES
 
RoHS Compliant 
Up to 528 Watts Output Power 
3000VAC I/O Isolation 
High Efficiency up to 90% 
1U Low Profile, 41mm 
Built‐in DC OK Signal 
Built‐in Remote Sense Function 
Built‐in Fan Speed Control 
Built‐in Active PFC Function 
Built‐in Constant Current Limiting Circuit (<20A) 
Using ZVS Technology to Reduce Power Dissipation 
Conformal Coating on Both Sides of PCB 
‐30°C to +70°C Wide Operating Temperature Range 
Universal Input Voltage Range: 90‐264VAC 
Protections: OLP / OTP / OVP / SCP 
12V, 24V, 27V, 36V, & 48VDC Single Output Models 
UL60950‐1 (2nd edition), IEC60950‐1:2005 (2nd edition), 
EN60950‐1:2006 Safety Approvals 
  
  
  DESCRIPTION
  The PSPDF‐480 series of AC/DC switching power supplies provides up to 528 Watts of output 
power in a 8.58” x 4.59” x 1.61” enclosed case with built‐in fan. This series consists of single 
output models ranging from 12VDC to 48VDC with an input voltage range of 90~264VAC. 
Standard features include high efficiency up to 90%, 3000VAC I/O isolation, and a ‐30°C to +70°C 
operating temperature range. This series also has short circuit, over load, over voltage, and over 
temperature protection. All models are RoHS compliant and have UL60950‐1 (2nd edition), 
IEC60950‐1:2005 (2nd edition), and EN60950‐1:2006 safety approvals. 
 
MODEL SELECTION TABLE 
Model Number 
Input Voltage Range 
Output Voltage 
Output Current 
Ripple & Noise 
(1) 
Output Power 
Efficiency 
Min 
Max 
‐30°C ~ 0°C 
0°C ~ +70°C 
PSPDF‐480‐12 
90 ~ 264 VAC 
 
12 VDC 
0A 
34A 
180mVp‐p 
120mVp‐p 
408W 
88% 
PSPDF‐480‐24 
24 VDC 
0A 
22A 
150mVp‐p 
150mVp‐p 
528W 
89% 
PSPDF‐480‐27 
27 VDC 
0A 
18A 
150mVp‐p 
150mVp‐p 
486W 
89% 
PSPDF‐480‐36 
36 VDC 
0A 
14A 
150mVp‐p 
150mVp‐p 
504W 
90% 
PSPDF‐480‐48 
48 VDC 
0A 
11A 
200mVp‐p 
200mVp‐p 
528W 
90% 
 
NOTES 
1. Ripple & noise is measured at 20MHz limited bandwidth and using a 12" twisted pair‐wire terminated with a 0.1µF & 47µF capacitors in parallel. 
 
2. The power supply is considered a component which will be installed into final equipment. The final equipment must be re‐confirmed that it still 
  meets EMC directives. 
 
DERATING CURVE 
 
 
 
 
-30
Ambient Temperature (°C)
0
10203040506070
20
40
60
80
100
 
 
 


同様の部品番号 - PSPDF-480

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
PSPDF-100 WALL-PSPDF-100 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-12 WALL-PSPDF-100-12 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-15 WALL-PSPDF-100-15 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-24 WALL-PSPDF-100-24 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-48 WALL-PSPDF-100-48 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
More results

同様の説明 - PSPDF-480

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com