データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSPRL0602D データシート(PDF) 1 Page - Wall Industries,Inc.

部品番号 PSPRL0602D
部品情報  AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0602D データシート(HTML) 1 Page - Wall Industries,Inc.

  PSPRL0602D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0602D Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL0602D Series
300 Watt
Dual Output
AC/DC Switching Power Supply
Rev. B
FEATURES
Smallest 300W with 1U Height Power Density: 8.3 Watts/cu in
5V/12V/24V/48VDC Dual Output Optional Combinations
Power Factor Corrected to EN61000-3-2 Class D
Approved to UL, CUL, TUV, CB, and CE
4 - Mechanical Options
Full Range AC Input
SPECIFICATIONS: PSPRL0602D Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 - 264VAC full range
Input Frequency
47 to 63Hz
Input Current
6A at 90VAC
Inrush Current
Max 70A @ 230VAC and 35A @ 115VAC; cold start.
Leakage Current
Regular type 3.5mA @ 240VAC.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Adjustability
Output adjustable ±5% minimum.
Regulation
±5%
Output Current
See Table
Ripple & Noise (peak to peak)
1%
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not exceed 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-on & off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 95°C ±5°C; automatic recovery.
Over Power Protection
Foldback mode 110-140%; auto-recovery.
Input Fusing Protection
One T6A/250V fuse inserted in primary.
GENERAL SPECIFICATIONS
Switching Frequency
23KHz fixed frequency.
Efficiency
75% (Measuring at 230VAC and full load).
HI-POT Test
1500 VAC input line to chassis (10mA DC cut off current); Isolating 3000VAC primary to secondary windings. Primary to core
1500VAC. All for 3 sec.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Power factor correction pass EN61000-3-2 Class D.
Power Good
Designated as PG on CN1 and TTL high 100-500ms after DC regulation. It goes low at least 1ms before loss of regulation and
has ability to sink 100mA.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max. allowable resistance is 0.1 ohm.
Fan Fail (FF) Alarm
Designated as FF on pin 3 of CN1 is an open collector output rated for 15VDC/5mA sink current maximum; it will go high when a
fan failure is detected.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration ±7.35 m/(s x s) on X, Y, and Z axis.
Cooling
U Type (U-Chassis): 300W max with 28.5CFM forced airflow or 150W convection cooling.
C Type (U-Chassis with top cover): 300W max with 28.5CFM forced airflow or 150W convection cooling.
E Type (Enclosed with rear side built-in fan): 300W max.
F Type (Enclosed with top built-in fan): 300W max.
Fan Drive
12VDC/300mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 21.16oz (600g)
C Type (U-Chassis with top cover): 22.93oz (650g)
E Type (Enclosed with rear side built-in fan): 26.46oz (750g)
F Type (Enclosed with top built-in fan): 28.22oz (800g)
Dimensions (L x W x H)
U Type (U-Chassis): 6.00 x 4.00 x 1.50 inches (152.40 x 101.60 x 38.10 mm)
C Type (U-Chassis with top cover): 6.00 x 4.00 x 1.57 inches (152.40 x 101.60 x 39.90 mm)
E Type (Enclosed with rear side built-in fan): 7.00 x 4.00 x 1.60 inches (177.80 x 101.60 x 40.54 mm)
F Type (Enclosed with top built-in fan): 6.00 x 4.00 x 2.00 inches (152.40 x 101.60 x 50.80 mm)
SAFETY
Emissions
FCC Part 15, CISPR 22 class B, Conducted
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark (LVD), EN61000-3-2,3, and IEC61000-4
Series Regulations and CB.
U Type
E Type
F Type
C Type
E201808 LEVEL3


同様の部品番号 - PSPRL0602D

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
PSPRL0602N WALL-PSPRL0602N Datasheet
774Kb / 8P
AC/DC Switching Power Supplies
More results

同様の説明 - PSPRL0602D

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
AQF120O ARCH-AQF120O Datasheet
251Kb / 4P
AC-DC Switching Power Supply
AQF240D ARCH-AQF240D Datasheet
278Kb / 2P
AC-DC Switching Power Supply
AQF360F ARCH-AQF360F Datasheet
296Kb / 5P
AC-DC Switching Power Supply
AQF100O ARCH-AQF100O Datasheet
254Kb / 5P
AC-DC Switching Power Supply
AQF120E-180W ARCH-AQF120E-180W Datasheet
294Kb / 6P
AC-DC Switching Power Supply
AQFV480U ARCH-AQFV480U Datasheet
547Kb / 9P
AC-DC Switching Power Supply
logo
Wall Industries,Inc.
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
AC/DC Switching Power Supply
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com