| データシートサーチシステム |
|
MF-USMF005 データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-USMF005 データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() MF-USMF Series Tape Dimensions per EIA 481-2 W 8.0 ± 0.3 (0.315 ± 0.012) P0 4.0 ± 0.1 (0.157 ± 0.004) P1 4.0 ± 0.1 (0.157 ± 0.004) P2 2.0 ± 0.05 (0.079 ± 0.002) A0 2.76 ± 0.10 (0.109 ± 0.004) B0 3.50 ± 0.10 (0.138 ± 0.004) B1 max. 4.35 (0.171) D0 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) F 3.5 ± 0.05 (0.138 + 0.002) E1 1.75 ± 0.10 (0.069 ± 0.004) E2 min. 6.25 (0.246) T max. 0.6 (0.024) T1 max. 0.1 (0.004) K0 1.07 ± 0.10 (0.042 ± 0.004) Leader min. 390 (15.35) Trailer min. 160 (6.30) Reel Dimensions A max. 185 (7.283) N min. 50 (1.97) W1 8.4 + 1.5/ -0.0 (0.331 + 0.059/-0) W2 max. 14.4 (0.567) MF-USMF Series Tape and Reel Specifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. DIMENSIONS: MM (INCHES) B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 E2 E1 W |