| データシートサーチシステム |
|
PCF12 データシート(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
PCF12 データシート(HTML) 2 Page - KOA Speer Electronics, Inc. |
|
2 / 3 page ![]() HPC/PCF ceramic fixed power type leaded resistor Derating Curve environmental applications 100 80 60 40 20 -60 -40 -20 0 40 6080100180 20 Ambient Temperature (°C) 0 120 140 160 200 70 Performance Characteristics Parameter Requirement ∆ R ±(% + 0.05Ω) Limit Typical Test Method Within regulated to tolerance — Resistance T.C.R HPC: -900±300x10-6/K: R<100Ω -1200±300x10-6/K:R≥100Ω PCF: -900±300:R<100Ω -1300±300:R>100Ω — HPC: +25°C/-40°C and +25°C/+125°C PCF: +25°C/-40°C, +25°C/+75°C and +25°C/+125°C Voltage Coefficient (Apply for over 1kΩ) 0~-0.2%/V (HPC1/2, PCF) 0~-0.1%/V (HPC1) 0~-0.05%/V (HPC2,3,4,5) — Rated voltage and rated voltage x 10% Resistance Measurement voltage 3.3Ω~8.2Ω 0.3V 10Ω~82Ω 1.0V 100Ω~390kΩ 3.0V Overload 2% 0.4% Resistance to pulse 5% — Rated voltage x 2.5 or maximum overload voltage for 5s, whichever less The resistor mounted to the test circuit as below. 1 sec. ON and 1 sec. OFF. 10,000 cycles. The voltage is applied with maximum pulse voltage. Resistance to soldering heat 2% 0.8% 350°C±10°C, 3.5s±0.5s Rapid change of temperature 2% 0.4% -40°C(30min.)/+85°C(30min.), 5 cycles Moisture resistance 5% 0.6% 40°C±2°C, 90%~95%RH, 1000h, 1.5h ON/0, 5h OFF cycles Load life 5% 0.4% HPC: 40°C±2°C, 1000h, 1.5h ON/0, 5h OFF cycles PCF: 70°C±3°C, 1000h, 1.5h ON/0, 5h OFF cycles Resistance to Solvent No abnormality in appearance. Marking shall be easily legible. — Dipping in IPA or Xylene for 3 minutes and leaving for 10 minutes after removing drops, then brushing 10 times. SW C=1.000pF 1 sec ON 1 sec OFF Protection resistor DC (Max. pulse voltage) Rx (HPC: In insulation oil) Absolute Maximum Overload Voltage Resistance Tolerance Absolute Maximum Working Voltage Part Designation Absolute Maximum Pulse Voltage* Power Rating @ 70°C applications and ratings Minimum Dielectric Withstanding Voltage Resistance Range E-12 (±10%) E-6 (±20%) HPC1/2 HPC1 HPC2 0.5W 1.0W 2.0W –– –– –– 10Ω - 390KΩ (+10%) 3.3Ω - 330KΩ (+20%) 200V 300V 400V K: ±10% M: ±20% T.C.R. (ppm/°C) -900±300: R<100Ω -1200±300: R≥100Ω 400V 8kV 600V 15kV 800V 25kV Operating Temperature Range -40°C to +200°C * Resistance to pulse: change shall be ±5% of the pre-test values. 1 sec. ON, 1 second OFF, 10,000 cycles. The voltage is applied with maximum pulse voltage. HPC3 HPC4 HPC5 3.0W 4.0W 5.0W –– –– –– 450V 500V 550V 900V 25kV 1000V 25kV 1100V 25kV PCF1/2 PCF1 PCF2 0.5W 1.0W 2.0W 500V 700V 4.7Ω - 100KΩ 3.3Ω - 390KΩ 200V 300V 400V -900±300: R<100Ω -1300+300: R≥100Ω 400V 10kV 600V 14kV 800V 20kV PCF 100 80 60 40 20 -60 -40 -20 060 80 100 180 20 Ambient Temperature (°C) 0 120 140 160 200 40 HPC 25°C 123 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/05/13 For resistors operated at an ambient temperature of 40°C or above, a power rating shall be derated in accordance with the above derating curve. For resistors operated at an ambient temperature of 70°C or above, a power rating shall be derated in accordance with the above derating curve. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |