| データシートサーチシステム |
|
HD74ACT374 データシート(PDF) 1 Page - Hitachi Semiconductor |
|
|
|||||||||||||||||||||||||||||
HD74ACT374 データシート(HTML) 1 Page - Hitachi Semiconductor |
|
1 / 11 page ![]() HD74AC374/HD74ACT374 Octal D-Type Flip-Flops with 3-State Output Description The HD74AC374/HD74ACT374 is a high-speed, low-power octal D-type flip-flop featuring separate D- type inputs for each flip-flop and 3-state outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable ( OE) are common to all flip-flops. Features • Buffered Positive Edge-Triggered Clock • 3-State Outputs for Bus-Oriented Applications • Outputs Source/Sink 24 mA • See HD74AC273/HD74ACT273 for Reset Version • See HD74AC373/HD74ACT373 for Transparent Latch Version • See HD74AC574/HD74ACT574 for Broadside Pinout Version • See HD74AC564/HD74ACT564 for Broadside • Pinout Version with Inverted Outputs • HD74ACT374 has TTL-Compatible Inputs |
同様の部品番号 - HD74ACT374 |
|
同様の説明 - HD74ACT374 |