| データシートサーチシステム |
|
PCS3D11 データシート(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
PCS3D11 データシート(HTML) 1 Page - Allied Components International |
|
|
1 / 1 page ![]() Power Chip Shielded Inductors PCS3D11 15 DCR (Ω) Rated Current Allied Part Number Inductance Tolerance (%) Test Freq. PCS3D11-2R7T-RC PCS3D11-4R7T-RC PCS3D11-6R8T-RC PCS3D11-8R2T-RC PCS3D11-100T-RC PCS3D11-150T-RC PCS3D11-220T-RC PCS3D11-270T-RC PCS3D11-330T-RC PCS3D11-390T-RC 2.7 4.7 6.8 8.2 10 15 22 27 33 39 30 30 30 30 30 30 30 30 30 30 100 100 100 100 100 100 100 100 100 100 0.078 0.123 0.180 0.204 0.240 0.372 0.540 0.726 0.822 0.942 0.53 0.40 0.34 0.32 0.28 0.23 0.19 0.17 0.15 0.14 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS PCS3D11-120T-RC 12 30 100 0.276 0.25 PCS3D11-180T-RC 18 30 100 0.468 0.21 (A) KHz,1v All specifications subject to change without notice. REVISED 12/16/08 Features • Shielded SMD Power Inductor • Low DC resistance • Ideal for DC-DC converter applications • Available in magnetically shielded Electrical Inductance Range: 2.7µH to 39µH Tolerance: 30% over entire range Operating Temp: -30ºC ~ +100ºC Rated Current: Current at which inductance drop is equal to 35% typ. Resistance to Soldering Heat Pre-Heat 150ºC, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260ºC +/- 5ºC for 10 sec. +/- 1 sec. Test Equipment (L): HP4284A (RDC): Chen Hwa 502BC Rated Current: HP4284+HP42841A (Irms): HP4284+HP42841A Physical Packaging: 1000 pieces per 7 inch reel. Marking: EIA Inductance Code ∆ T=40ºC temp rise Irms: current at which Also, available in tighter tolerances Irms A Typ. 1.82 1.38 1.05 0.93 0.90 0.68 0.53 0.48 0.41 0.40 0.81 0.58 (µH) Max. Dimensions: Inches (mm) |
同様の部品番号 - PCS3D11 |
|
同様の説明 - PCS3D11 |