| データシートサーチシステム |
|
PCS4D28 データシート(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
PCS4D28 データシート(HTML) 1 Page - Allied Components International |
|
|
1 / 1 page ![]() Power Chip Shielded Inductors PCS4D28 15 DCR ( Ω) SRF Allied Part Number Inductance ( µh) Tolerance (%) Test Freq. ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS (MHz)Typ All specifications subject to change without notice. Max ISAT (A) Features • Shielded SMD Power Inductor • Low profile suitable for pick and place • Low DC resistance • Ideal for DC-DC converter applications Electrical Tolerance: 30% over entire range, Operating Temp: -30ºC ~ +100ºC IDC: Current at which inductance drops Inductance Range: 1.2µH to 220µH Resistance to Soldering Heat Test Equipment Physical Pre-Heat 150ºC, 1 min. Solder Temp: 260ºC ± 5ºC for 10sec ± 1sec. Solder Composition: Sn/Ag3.0/Cu0.5 (L): HP 4192A LF Impedance Analyzer (RDC): Chen Hwa 502 Packaging: 2000 pieces per 13 inch reel Marking: EIA Inductance Code DCR Max. ( Ω) IDC (A) Allied Part Number Inductance ( µh) Tolerance (%) Test Freq. PCS4D28-1R2T-RC PCS4D28-1R8T-RC PCS4D28-2R0T-RC PCS4D28-2R2T-RC PCS4D28-2R7T-RC PCS4D28-3R3T-RC PCS4D28-3R9T-RC PCS4D28-4R7T-RC PCS4D28-5R6T-RC PCS4D28-6R8T-RC PCS4D28-8R2T-RC PCS4D28-100T-RC PCS4D28-120T-RC PCS4D28-150T-RC PCS4D28-180T-RC PCS4D28-220T-RC PCS4D28-270T-RC 1.2 1.8 2.0 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 0.024 0.028 0.030 0.031 0.043 0.049 0.065 0.072 0.101 0.109 0.118 0.128 0.132 0.149 0.166 0.235 0.261 2.56 2.20 2.10 2.04 1.60 1.57 1.44 1.32 1.17 1.12 1.04 1.00 0.84 0.76 0.72 0.70 0.58 PCS4D28-330T-RC PCS4D28-390T-RC PCS4D28-470T-RC PCS4D28-560T-RC PCS4D28-680T-RC PCS4D28-820T-RC 33 39 47 56 68 82 30 30 30 30 30 30 100 100 100 100 100 100 0.331 0.384 0.587 0.625 0.699 0.915 0.56 0.50 0.48 0.41 0.35 0.32 KHz, 1V tighter tolerances available. by 35% of initial value or ∆ T=40ºC lower, whichever is lower. REVISED 7/21/09 PCS4D28-101T-RC PCS4D28-121T-RC PCS4D28-151T-RC PCS4D28-181T-RC PCS4D28-221T-RC 100 120 150 180 220 30 30 30 30 30 100 100 100 100 100 1.02 0.29 1.27 0.27 1.35 0.24 1.54 0.22 2.00 0.20 PCS4D28-331T-RC 330 30 100 2.66 0.14 Dimensions: Inches (mm) |
同様の部品番号 - PCS4D28 |
|
同様の説明 - PCS4D28 |