| データシートサーチシステム |
|
PCLP20-331M-RC データシート(PDF) 1 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
PCLP20-331M-RC データシート(HTML) 1 Page - Allied Components International |
|
|
1 / 1 page ![]() Power Chip Low Profile Inductors PCLP20 Allied Part Number Inductance ( µh) PCLP20-4R7M-RC PCLP20-6R8M-RC PCLP20-100M-RC PCLP20-150M-RC PCLP20-220M-RC PCLP20-330M-RC PCLP20-470M-RC PCLP20-680M-RC PCLP20-101M-RC PCLP20-151M-RC PCLP20-221M-RC PCLP20-331M-RC PCLP20-471M-RC PCLP20-681M-RC PCLP20-102M-RC Tolerance (%) DCR Max. ( Ω) 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 Isat (A) 1.6 1.3 1.0 0.9 0.7 0.6 0.4 0.4 0.3 .25 .22 .18 14 .12 .10 .145 .165 .240 .300 .420 .550 .765 1.10 1.60 2.50 3.65 4.65 6.75 9.15 14.2 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS All specifications subject to change without notice. Test Freq. 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 REVISED 12/30/08 KHz, 1v Dimensions: Inches (mm) Features • Unshielded SMD low cost design • Accurate and consistent dimensions for • Excellent for use in DC-DC converter • Designed for high current applications Electrical Inductance Range: 4.7µh to 1000µh Tolerance: 20% over entire range Test Frequency: (L/Q) as specified Operating Temp: -40ºC ~ +85ºC IDC: Current at which Inductance drops 10% of original value Resistance to Soldering Heat Test Method: Pre-Heat 150ºC, 1 Min. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec. Test Equipment (L & Q): HP4192A Impedence Analyzer (DCR): Chen Hwa 502 (IDC): HP4284A with HP42841A or CH1061 with CH301A Physical Packaging: 2500 pieces per 13 inch reel. Marking: EIA Inductance Code. auto insertion applications Also available in tighter tolerances |
同様の部品番号 - PCLP20-331M-RC |
|
同様の説明 - PCLP20-331M-RC |