データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1021NL データシート(PDF) 8 Page - Pulse A Technitrol Company

部品番号 T1021NL
部品情報  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1021NL データシート(HTML) 8 Page - Pulse A Technitrol Company

  T1021NL Datasheet HTML 1Page - Pulse A Technitrol Company T1021NL Datasheet HTML 2Page - Pulse A Technitrol Company T1021NL Datasheet HTML 3Page - Pulse A Technitrol Company T1021NL Datasheet HTML 4Page - Pulse A Technitrol Company T1021NL Datasheet HTML 5Page - Pulse A Technitrol Company T1021NL Datasheet HTML 6Page - Pulse A Technitrol Company T1021NL Datasheet HTML 7Page - Pulse A Technitrol Company T1021NL Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
COMMON MODE CHOKES FOR
TELECOM APPLICATIONS
For EMI Reduction
0
-5
-10
-15
-20
-25
-30
1 MHz
10 MHz
100 MHz
Frequency
PE-65555NL
PE-65854NL
PE-65554NL
PE-65857NL
Typical common mode attenuation for
high-frequency common mode chokes
based on a 100
Ω system.
Schematics
18
2
7
3
6
4
5
1
3
6
4
5
1
8
2
7
2
PE-XXXXXNL
Date Code
Country of Origin
.595
MAX
15,11
.480
MAX
12,19
.130 – .010
3,30 – 0,25
.300
7,62
C
L
C
L
.300
7,62
MAX
.100
2,54
8
7
6
5
1
2
3
4
.300
7,62
SUGGESTED PAD LAYOUT
.100
2,54
8
1
4
PE-XXXXXNL
Date Code
Country of Origin
.340
8,64
MAX
.070
1,78
.050
1,27
8X
.050
1,27
.004/0,10
.360
9,14
MAX
5
.100
2,54
.270
6,86
.098
2,49
MAX
PE-XXXXXNL
Date Code
Country ofOrigin
85
14
.100
2,54
.600
MAX
15,24
.475
MAX
12,07
.475
MAX
12,07
SUGGESTED PAD LAYOUT
.300
7,62
.640
16,26
.400
10,16
.120
3,05
.050
TYP
1,27
.100
TYP
2,54
.085
2,16
.340
MAX
8,64
.040 / .050
1,02 / 1,27
.010 / .020
0,25 / 0,51
.004/0,10
.030
0,76
SH
LA
IN
Weight . . . . . 0.3 grams . . . . . 2 grams . . . 2.5 grams
Tape & Reel . . 1500/reel . . . . . 250/reel . . . . . . . . (N/A)
Tube . . . . . . . . . 25/tube . . . . . . 30/tube . . . . . . 35/tube
Dimensions:
Inches
mm
Unless otherwise specified all tolerances are ±
.010
0,25
Mechanicals
SH
LA
IN
www.pulseeng.com
8
T608.T (4/10)
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
NOTE: For additional Common Mode Chokes, refer to data sheet G002.
Pulse Part Number
Turns Ratio (±5%)
OCL (µH MIN)
Package/Schematic
HIGH FREQUENCY COMMON MODE CHOKES, 4-LINES
PE-65554NL
1:1:1:1
24.0
IN/1 (Through Hole)
PE-65555NL
1:1:1:1
8.0
IN/1 (Through Hole)
PE-65854NL
1:1:1:1
47.0
SH/1 (Surface Mount)
PE-65857NL
1:1:1:1
24.0
LA/2 (Surface Mount)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 19 8
Zhongyuan Rd.
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2010. Pulse Engineering, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com