データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

T1022 データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 T1022
部品情報  T1/CEPT/ISDN-PRI TRANSFORMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1022 データシート(HTML) 1 Page - Pulse A Technitrol Company

  T1022 Datasheet HTML 1Page - Pulse A Technitrol Company T1022 Datasheet HTML 2Page - Pulse A Technitrol Company T1022 Datasheet HTML 3Page - Pulse A Technitrol Company T1022 Datasheet HTML 4Page - Pulse A Technitrol Company T1022 Datasheet HTML 5Page - Pulse A Technitrol Company T1022 Datasheet HTML 6Page - Pulse A Technitrol Company T1022 Datasheet HTML 7Page - Pulse A Technitrol Company T1022 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Surface Mount, 1500Vrms, Extended
and Standard Temperature Range
Dual SMT package contains both transmit and receive transformers
Models matched to leading transceiver ICs
Isolation voltage: 1500Vrms
UL recognized
RoHS compliant versions available
Mechanical
Schematics
Electrical Specifications @ 25°C
SUGGESTED PAD LAYOUT
.050
TYP
1,27
.120
3,05
.100
TYP
2,54
.675
MAX
17,15
12X
.030
0,76
PE-XXXXX
DATE CODE
12
7
16
.100
2,54
.085
2,16
0°-8°
.040 / .050
1,02 / 1,27
.004/0,10 MAX
.340
MAX
8,64
.010 / .020
0,25 / 0,51
.600
MAX
15,24
.456
MAX
11,58
.500
12,70
.400
10,16
.640
16,26
Weight . . . . . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . . . . . .250/reel
Tube . . . . . . . . . . . . . . . . . .30/tube
12
10
13
2
11
9
7
46
8
12
10
13
2
11
9
7
46
8
5
12
10
13
2
11
8
7
56
12
3
12
10
13
2
9
7
46
8
13
2
46
5
12
10 9
7
12
10
13
2
9
7
46
8
5
12
10
13
11
9
7
46
5
7
46
Turns Ratio B
OCL @ 25°C
LL
CW/W
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ± 2%)
(mH MIN)
(µH MAX)
(pF MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
EXTENDED TEMPERATURE RANGE MODELS1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-68841
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.70 & 1.70
AN/2
12-10, 4-6
PE-68822
1CT:2CT & 1:1.36CT
1.60 & 1.60
1.00 & 0.80
60 & 55
1.70 & 1.70
2.00 & 1.70
AN/1
12-10, 4-6
PE-68825
1:1.15CT & 1CT:2CT
1.60 & 1.60
0.80 & 0.80
60 & 50
1.00 & 1.00
1.20 & 2.00
AN/4
12-10, 4-6
PE-68826 E
1:1/1.26 & 1:2CT
1.20 & 1.20
0.80 & 0.80
50 & 60
1.00 & 1.00
1.10 & 1.70
AN/5
12-10, 4-6
PE-68827
1:1CT & 2:1
1.60 & 1.60
1.30 & 1.30
55 & 40
1.10 & 1.10
1.10 & 0.70
AN/6
1-3, 4-6
PE-68828
1CT:1CT & 1CT:1CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.00
AN/2
1-3, 4-6
PE-68874
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
PE-68877
1CT:1CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.80
AN/2
1-3, 4-6
PE-68882
1CT:1.15CT & 1CT:1CT
1.60 & 1.60
0.80 & 0.80
60 & 60
1.20 & 1.20
1.40 & 1.20
AN/2
12-10, 4-6
PE-68884
1CT:1.36CT & 1CT:1.36CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.20 & 1.20
1.40 & 1.40
AN/2
1-3, 4-6
PE-68887
1CT:1.41CT & 1CT:1.41CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.40 & 1.40
1.20 & 1.20
AN/2
12-10, 9-7
PE-68881
1CT:2.3CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
60 & 50
1.20 & 1.20
2.10 & 2.10
AN/2
10-12, 4-6
TX1277
1CT:1CT & 1CT:2CT
1.20 & 1.20
0.80 & 0.80
50 & 50
1.00 & 1.00
1.00 & 1.80
AN/2
1-3, 4-6
STANDARD TEMPERATURE RANGE MODELS – OPERATING TEMPERATURE 0°C TO +70°C
T1131 I
1CT:1 & 1:1.36CT
0.70 & 0.70
0.70 & 0.70
20 & 20
0.25 & 0.50
0.80 & 0.40
AN/7
1-3, 9-7
PE-68861
1CT:2CT & 1CT:2CT
1.20 & 1.20
0.60 & 0.60
35 & 35
0.70 & 0.70
1.20 & 1.20
AN/2
12-10, 4-6
PE-68862
1CT:2CT & 1:1.36CT
1.20 & 1.20
0.60 & 0.80
35 & 37
0.70 & 0.70
1.20 & 0.90
AN/1
12-10, 4-6
PE-68863
1:2CT & 1:1.14CT
1.20 & 1.20
0.55 & 0.80
40 & 35
0.70 & 0.70
1.20 & 0.90
AN/5
12-10, 4-6
PE-68864 A
1CT:2CT & 1:1
1.20 & 1.20
0.30-0.55 & 0.80
30 & 30
0.70 & 0.70
1.20 & 0.70
AN/3
1-3, 5-6
PE-68865
1:1.15CT & 1CT:2CT
1.50 & 1.20
0.80 & 0.60
35 & 35
0.70 & 0.70
0.90 & 1.20
AN/4
12-10, 4-6
PE-68866 E
1:1/1.26 & 1:2CT
1.50 & 1.20
0.40 & 0.50
40 & 40
0.70 & 0.70
0.90 & 1.20
AN/5
12-10, 4-6
PE-68869
1CT:2CT & 1:1.08CT
1.20 & 1.20
0.60 & 0.60
40 & 30
0.70 & 0.70
1.10 & 0.90
AN/1
12-10, 4-6
PE-68836 E
1:1/1.26 & 1:1/1.26
1.50 & 1.50
0.40 & 0 .40
45 & 45
0.80 & 0.80
1.00 & 1.00
AN/7
12-10, 9-7
Note: RoHS-6 compliant parts can be ordered by adding an “NL” suffix to the part number (i.e. PE-68841 becomes PE-68841NL).
(See Pages 6 and 7 for Table Notes)
AN
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
1
T608.S (4/08)


同様の部品番号 - T1022

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
T1022 PULSE-T1022 Datasheet
280Kb / 8P
T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
T1022 PULSE-T1022 Datasheet
154Kb / 8P
TRANSFORMERS
logo
Teledyne Technologies I...
T1022 TELEDYNE-T1022 Datasheet
1Mb / 174P
QorIQ Integrated Multicore Communications Processor
logo
Hubbell Incorporated.
T1022142 HUBBELL-T1022142 Datasheet
369Kb / 1P
Anchor, PISA 6, 14in, 1in threads
logo
E-SWITCH
T102270 E-SWITCH-T102270 Datasheet
55Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - T1022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
X0013T3M XFMRS-X0013T3M_15 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-41 XFMRS-XF0013-41_15 Datasheet
45Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com