| データシートサーチシステム |
|
PI3L720 データシート(PDF) 3 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3L720 データシート(HTML) 3 Page - Pericom Semiconductor Corporation |
|
3 / 10 page ![]() 3 PS8961D 12/10/12 PI3L720 2:1 Mux/DeMux Gigabit Ethenet LAN Switch with Power-down Mode DC Electrical Characteristics for 1000 Base-T Ethernet Switching over Operating Range (TA = –40°C to +85°C, VDD = 3.3V ±10%) Paramenter Description Test Conditions(1) Min. Typ.(2) Max. Units VIH Input HIGH Voltage Guaranteed HIGH level (Control Pins) 2.0 – – V VIL Input LOW Voltage Guaranteed LOW level (Control Pins) –0.5 – 0.8 VIK Clamp Diode Voltage VDD = Max., IIN = –18mA – –0.7 –1.2 IIH Input HIGH Current VDD = Max., VIN = VDD – – ±2 µA IIL Input LOW Current VDD = Max., VIN = GND – – ±2 RON Switch On-Resistance(3) VDD = Min., 1.5V ≤ VIN ≤ VDD IIN = –40mA – 4.0 6.5 Ohm RFLAT(ON) On-Resistance Flatness(3) VDD = Min., VIN @ 1.5V and VDD IIN = –40mA – 0.5 – ΔRON On-Resistance match from center ports to any other port(3) VDD = Min., 1.5V ≤ VIN ≤ VDD IIN = –40mA – 0.4 1.0 DC Electrical Characteristics for 10/100 Base-T Ethernet Switching over Operating Range (TA = –40°C to +85°C, VDD = 3.3V ±10%) Paramenter Description Test Conditions(1) Min. Typ.(2) Max. Units VIH Input HIGH Voltage Guaranteed HIGH level (Control Pins) 2.0 – – V VIL Input LOW Voltage Guaranteed LOW level (Control Pins) –0.5 – 0.8 VIK Clamp Diode Voltage VDD = Max., IIN = –18mA – –0.7 –1.2 IIH Input HIGH Current VDD = Max., VIN = VDD – – ±2 µA IIL Input LOW Current VDD = Max., VIN = GND – – ±2 RON Switch On-Resistance(3) VDD = Min., 1.25V ≤ VIN ≤ VDD IIN = –10mA to –30mA – 4.0 6.5 Ohm RFLAT(ON) On-Resistance Flatness(3) VDD = Min., VIN @ 1.25V and VDD IIN = –10mA to –30mA – 0.5 – ∆RON On-Resistance match from cen- ter ports to any other port(3) VDD = Min., 1.25V ≤ VIN ≤ VDD IIN = –10mA to –30mA – 0.4 1.0 Storage Temperature........................................................ –65°C to +150°C Supply Voltage to Ground Potential ...........................–0.5V to +4.0V DC Input Voltage................................................................–0.5V to +5.5V DC Output Current.......................................................................... 120mA Power Dissipation .............................................................................. 0.5W Note: Stresses greater than those listed under MAXIMUM RAT- INGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for ex- tended periods may affect reliability. Maximum Ratings (Above which useful life may be impaired. For user guidelines, not tested.) |