データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5040-ASST データシート(PDF) 31 Page - List of Unclassifed Manufacturers

部品番号 AS5040-ASST
部品情報  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST データシート(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 31Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 32Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 33Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
30 - 33
Timing Tolerance over Temperature
The internal RC oscillator is factory trimmed to
±5%. Over temperature, this tolerance may increase to ±10%.
Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for
internal clock generation.
The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the
internal oscillator. This influence however can be cancelled by measuring the complete PWM duty cycle (see Internal
Timing Tolerance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34