| データシートサーチシステム |
|
PCMH-0 データシート(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PCMH-0 データシート(HTML) 2 Page - PANDUIT CORP. |
|
2 / 4 page ![]() mm In. mm In. Std. Ctn. Card(s) Std. Pkg. Card(s) Markers Per Card Length Width Legend Part Number For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification PCM-A1 Pre-Printed Marker Cards PCM Type (continued) Table continues on page E3.6 PCM-A A 0.25 6.35 1.50 38.1 36 25 100 thru thru PCM-Z Z PCM-A-Z A thru Z 0.25 6.35 1.50 38.1 25 100 PCM-A-Z-0-9 A thru Z 0 thru 9 0.25 6.35 1.50 38.1 25 100 PCM-A1 A1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-A4 A4 PCM-B1 B1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-B5 B5 PCM-C1 C1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-C4 C4 PCM-E1 E1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-E3 E3 PCM-F1 F1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-F4 F4 PCM-H1 H1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-H5 H5 PCM-L1 L1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-L5 L5 PCM-M1 M1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-M2 M2 PCM-P1 P1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-P3 P3 PCM-R1 R1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-R5 R5 PCM-S1 S1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-S5 S5 PCM-T1 T1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-T9 T9 PCM-X1 X1 0.25 6.35 1.50 38.1 25 100 thru thru PCM-X4 X4 |