| データシートサーチシステム |
|
HT12A データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT12A データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 13 page ![]() Block Diagram TE trigger HT12E DATA trigger HT12A Note: The address data pins are available in various combinations (refer to the address/data table). HT12A/HT12E 2 April 11, 2000 O s c illa t o r ¸ 3 D i v i der OS C 1 OS C 2 VD D V S S 1 2 T r a n sm i ssi o n G a t e C ir c u it ¸ 12 C o u n t e r & 1 of 12 D e c o d e r B i n a r y D et ec t o r TE A0 A7 DO UT D a t a S el ec t & B u f f e r Sy n c . Ci r c u i t AD 8 A D 1 1 O s c i l l at or ¸ 576 D i v i der VD D VS S 1 2 T r a n sm i ssi o n G a t e C ir c u it ¸ 12 C o u n t e r & 1 of 12 D e c o d e r B i n a r y D et ec t o r DO UT D a t a S el ec t & B u f f e r Sy n c . Ci r c u i t L/ M B X2 X1 A0 A7 D8 D1 1 |