| データシートサーチシステム |
|
HT1381 データシート(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1381 データシート(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 10 page ![]() * In reading data byte from HT1380/HT1381 register, the first data bit to be transmitted at the first falling edge after the last bit of the command byte is written. HT1380/HT1381 8 October 2, 1999 ST AR T EN D In p u t th e w ri t e prot ec t c o m m and by t e 8 E H D i s abl e t h e w ri t e prot ec t bi t ( W P ) by s et t i ng t h e M S B of regi s t e r 7 t o z e r o I npu t t he w ri t e c o m m and b y t e 8 0 H E nabl e t h e os c i l l a t or by s et t i ng t h e M S B of r egi s t er 0 t o z e ro ST AR T D i s abl e t h e w ri t e prot ec t bi t a nd enab l e t he o s c i l l a t o r R ead o r w r i t e t h e c o rr es po ndi ng regi s t er dat a b y te s ta rti n g w i th b i t 0 * I npu t t h e c o m m and b y te s ta rti n g w i th b i t 0 ST AR T R ead o r w ri t e al l regi s t er dat a by t e ( 64 d a t a b i t s ) i n t he H T 1381 s t art i ng w i t h bi t 0 of regi s t er 0 * I npu t t h e burs t m o d e c o m m and b y t e ( $ B E o r $ B F ) s ta rti n g w i th b i t 0 EN D D i s abl e t h e w ri t e prot ec t bi t a nd enab l e t he o s c i l l a t o r I f anot he r r egi s t er i s a cce sse d EN D Ye s No Se t R E S T p i n f rom l o w t o hi gh Re s e t R E S T p i n f rom h i gh t o l o w Se t R E S T p i n f rom l o w t o hi gh Re s e t R E S T p i n f rom h i gh t o l o w R e s e t R E S T p i n fro m h i g h to l o w Se t R E S T p i n f rom l o w t o hi gh Se t R E S T p i n f rom l o w t o hi gh R e s e t R E S T p i n f rom h i gh t o l o w · To disable the write protect (WP=0) bit and enable the oscillator (CH=0) · Single byte data transfer · Burst mode data transfer |