| データシートサーチシステム |
|
HT1621 データシート(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1621 データシート(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 20 page ![]() Command mode (command code:100) Mode (data and command mode) Note: It is recommended that the host controller should read in the data from the DATA line between the rising edge of the RD line and the falling edge of the next RD line. HT1621 16 April 21, 2000 DA T A CS WR 1 0 0C 8 C7 C6 C5 C4 C3 C2 C1 C0 C o m m and 1 C8 C7 C6 C5 C4 C3 C2 C1 C0 C o m m and i C o m m and. . . C o m m and or D a ta M o d e RD DA T A CS WR A ddr es s & D a t a C o m m and or D a ta M o d e A ddr es s and D a t a C o m m and or D a ta M o d e A ddr es s and D a t a C o m m and or D a ta M o d e |