| データシートサーチシステム |
|
HT6012 データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6012 データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 11 page ![]() Block Diagram TE trigger HT6010 DATA trigger HT6012/HT6014 Note: The address/data pins are available in various combinations (refer to the address/data table). 312 Series of Encoders 2 December 13, 1999 TE O s c illa t o r ¸ 3 D i v i der OS C 1 OS C 2 VD D V S S 12 T r ans m i s s i on G a t e C ir c u it ¸ 12 C o u n t e r and 1 of 1 2 D e c oder s T r i nar y De t e c t o r A0 A7 AD 8AD 1 1 DO UT D a t a S el ec t and B u f f er Sy n c . Ci r c u i t A ddr es s Da t a O sci l l a t o r ¸ 3 D iv id e r OS C 1 OS C 2 VD D V S S 12 T r ans m i s s i on G a t e C ir c u it ¸ 12 C o u n t e r and 1 of 1 2 D e c oder s T r i nar y De t e c t o r DO UT D a t a S el ec t and B u f f er Sy n c . Ci r c u i t L E D Ci r c u i t LE D |