| データシートサーチシステム |
|
HT6032 データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6032 データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 10 page ![]() Selection Table Function Address No. Data VT Oscillator Trigger Package Part No. No. Type HT6030 12 0 ¾Ö RC oscillator DIN active ²Hi² 18 DIP/20 SOP HT6032 10 2 L Ö RC oscillator DIN active ²Hi² 18 DIP/20 SOP HT6034 8 4 L Ö RC oscillator DIN active ²Hi² 18 DIP/20 SOP Note: Data type: L stands for latch type data output. VT can be used as a momentary data output. Block Diagram Note: The address/data pins are available in various combinations (refer to the address/data table). 312 Series of Decoders 2 December 13, 1999 D a t a S h i ft R egi s t e r O sci l l a t o r B u ffe r S y nc . D e t e c t or D i v i der C o m p ar at or C o m p ar at or Bu f f e r T r a n sm i ssi o n G a t e C i r cu i t D a ta D e t e c to r C ont r o l Logi c VD D V S S VT Da t a L a t ch C i r cu i t Addr es s OS C 1 OS C 2 DI N |