| データシートサーチシステム |
|
HT683L データシート(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT683L データシート(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 14 page ![]() Block Diagram Note: The address/data pins are available in various combinations (refer to the address/data table). Pin Description Pin Name I/O Internal Connection Description A0~A17 I TRANSMISSION GATE Input pins for address A0~A17 setting They can be externally set to VDD, VSS, or left open. D10~D17 O CMOS OUT Output data pins DIN I CMOS IN Serial data input pin VT O CMOS OUT Valid transmission, active high OSC1 I OSCILLATOR Oscillator input pin OSC2 O OSCILLATOR Oscillator output pin VSS I — Negative power supply (GND) VDD I — Positive power supply 3 18 Series of Decoders 3 2nd Oct ’97 |