| データシートサーチシステム |
|
HT684L データシート(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT684L データシート(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 14 page ![]() Address/Data sequence The following provides a table of address/data sequence for various models of the 3 18 series decoders. A correct device should be selected according to the requirements of individual address and data. Part No. Address/Data Bits 0~3 4 5 6~9 10 11 12 13 14 15 16 17 HT602L A0~A3 A4 — A6~A9 — A11 A12 A13 D14 D15 — — HT604L A0~A3 A4 — A6~A9 — A11 D12 D13 D14 D15 — — HT605L A0~A3 A4 — A6~A9 — D11 D12 D13 D14 D15 — — HT611 A0~A3 A4 — A6~A9 — A11 A12 A13 A14 A15 — — HT612 A0~A3 A4 — A6~A9 — A11 A12 A13 D14 D15 — — HT614 A0~A3 A4 — A6~A9 — A11 D12 D13 D14 D15 — — HT615 A0~A3 A4 — A6~A9 — D11 D12 D13 D14 D15 — — HT644L A0~A3 A4 A5 A6~A9 A10 A11 A12 A13 D14 D15 D16 D17 HT646L A0~A3 A4 A5 A6~A9 A10 A11 D12 D13 D14 D15 D16 D17 HT648L A0~A3 A4 A5 A6~A9 D10 D11 D12 D13 D14 D15 D16 D17 HT651 A0~A3 A4 A5 A6~A9 A10 A11 A12 A13 A14 A15 A16 A17 HT654 A0~A3 A4 A5 A6~A9 A10 A11 A12 A13 D14 D15 D16 D17 HT656 A0~A3 A4 A5 A6~A9 A10 A11 D12 D13 D14 D15 D16 D17 HT658 A0~A3 A4 A5 A6~A9 D10 D11 D12 D13 D14 D15 D16 D17 HT682L A0~A3 — — A6~A9 — A11 A12 — D14 D15 — — HT683L A0~A3 — — A6~A9 — A11 D12 — D14 D15 — — HT684L A0~A3 — — A6~A9 — D11 D12 — D14 D15 — — HT691 A0~A3 — — A6~A9 — A11 A12 — A14 A15 — — HT692 A0~A3 — — A6~A9 — A11 A12 — D14 D15 — — HT693 A0~A3 — — A6~A9 — A11 D12 — D14 D15 — — HT694 A0~A3 — — A6~A9 — D11 D12 — D14 D15 — — Note: “—” is a dummy code which is left “open” and not bonded out. 3 18 Series of Decoders 8 2nd Oct ’97 |