| データシートサーチシステム |
|
HT7536 データシート(PDF) 7 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7536 データシート(HTML) 7 Page - Holtek Semiconductor Inc |
|
7 / 10 page ![]() Application Circuits Basic circuit High output current positive voltage regulator Short-Circuit protection for Tr1 HT75XX 7 May 2, 2000 C2 10 m F C o mmo n C o mmo n S i ngl e poi nt G N D GN D V OU T V IN V IN V OU T C1 10 m F HT 7 5 X X Se r i e s C o mmo n C o mmo n S i ngl e poi nt G N D GN D Tr 1 R1 HT 7 5 X X Se r i e s C2 10 m F C1 10 m F V IN V OU T V OU T V IN C o mmo n C o mmo n S i ngl e poi nt G N D GN D Tr 1 Rs R1 HT 7 5 X X Se r i e s C1 10 m F V OU T V IN C2 10 m F V OU T V IN |