| データシートサーチシステム |
|
HT7544 データシート(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7544 データシート(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 10 page ![]() Circuit for increasing output voltage V= V ( 1 + R2 R1 )+I R2 OUT XX SS Circuit for increasing output voltage V= V + V OUT XX D1 Constant current regulator I= V R +I OUT XX A SS HT75XX 8 May 2, 2000 C o mmo n C o mmo n S i ngl e poi nt G N D GN D R1 R2 HT 7 5 X X Se r i e s C1 10 m F V IN V XX V OU T V OU T I SS V IN C2 10 m F C o mmo n C o mmo n S i ng l e poi nt G N D GN D D1 R1 HT 7 5 X X Se r i e s C2 10 m F V IN V OU T V OU T V IN V XX I SS C1 10 m F C o mmo n GN D HT 7 5 X X Se r i e s C1 10 m F C2 10 m F I SS V IN V IN V OU T V XX I OU T R A R L |