データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMS221GLFS データシート(PDF) 2 Page - C&K Components

部品番号 KMS221GLFS
部品情報  Compact size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMS221GLFS データシート(HTML) 2 Page - C&K Components

  KMS221GLFS Datasheet HTML 1Page - C&K Components KMS221GLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–14
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
13 aug 12
KMS Series
Microminiature SMT Side Actuated
B
B
4,6
2,5
4,2
1,7
5
3,2
3,8
Electrical Diagram
2
1
5
4
3
KMS
A
A
B
B
ø
+0,25
0
ø
R0,
5
1,67 ± 0,1
0,229 ± 0,02
70 max
3,15 ± 0,1
4 ± 0,1
1,5
4,65 ± 0,1
1,5 ± 0,1
2 ± 0,05
8 ± 0,1
DIRECTION OF FEED
KMS WITH PEGS
WITH PEGS
TAPE & REEL
A
A
B
B
ø
+0,25
0
ø
70 max
0,229 ± 0,02
4 ± 0,1
8 ± 0,1
1,67 ± 0,1
1,5 ± 0,1
1,5
4,65± 0,1
3
2 ± 0,05
B
B
4,6
2,5
1,95
1,95
ø
0,9 mini
ø 0,75
4,2
1,7
5
3,2
3,8
Electrical Diagram
2
1
5
4
3



Html Pages

1 2