| データシートサーチシステム |
|
HT9580 データシート(PDF) 14 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9580 データシート(HTML) 14 Page - Holtek Semiconductor Inc |
|
14 / 63 page ![]() HT9580 14 April 28, 2000 Preliminary timer overflow and RTC_FG is an indicator for the RTC time out interrupt request flag. The OR_FG will be set high when an out-of-range status from low to high or high to low transition occurrs. Those flags such as TM0OVFG, TM1OVFG, BF_FG, DR_FG, OR_FG and RTC_FG should be cleared by the software af- ter they are activated. 10 RTCEN RTC counter is enabled RTC counter is disabled RTCMSK RTC interrupt is masked RTCinterruptis not masked TM0IMSK Timer 0 overflow interrupt is masked Timer0overflow interruptisnot masked TM1IMSK Timer 1 overflow interrupt is masked Timer 1 overflow interrupt is not masked ORMSK Out-of-range interrupt is masked Out-of-range interrupt is not masked 10 TM0OVFG Timer 0 overflows No timer 0 overflow TM1OVFG Timer 1 overflows No timer 1 overflow WDTOVFG Watchdog timer has overflown No watchdog timer overflow BF_FG Battery fail request No battery fail request DR_FG Data ready request No data ready request OR_FG Out-of-range request No out-of-range request RTC_FG RTC interrupt request No RTC interrupt request TM 0 / 1O V FG RT C_ F G T M 0/ 1I M S K NM I IR Q OR _ F G OR M S K RT C M S K M 6 502 Co r e D a t a R e ady B a tte r y F a i l SP I R e q s t Block diagram of NMI and IRQ |