| データシートサーチシステム |
|
HTG12B0 データシート(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HTG12B0 データシート(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 33 page ![]() CALL address Subroutine call Machine Code 1111aaaa aaaaaaaa Description The program counter bits 0-11 are saved in the stack. The program coun- ter is then loaded from the directly-specified address. Operation Stack ¬ PC+2 PC ¬ address CLC Clear carry flag Machine Code 00101010 Description The carry flag is reset to zero. Operation C ¬ 0 DAA Decimal-Adjust accumulator Machine Code 00110110 Description The accumulator value is adjusted to the BCD (Binary Code Decimal) code, if the contents of the accumulator is greater, then 9 or C (Carry flag) is one. Operation If ACC>9 or CF=1 then ACC ¬ ACC+6, C ¬ 1 else ACC ¬ ACC, C ¬ C DEC A Decrement accumulator Machine Code 00111111 Description Data in the accumulator is decremented by one. Carry flag is not af- fected. Operation ACC ¬ ACC-1 DEC Rn Decrement register Machine Code 0001nnn1 Description Data in the working register ²Rn² is decremented by one. Carry flag is not affected. Operation Rn ¬ Rn-1; Rn=R0, R1, R2, R3, R4, for n=0,1,2,3,4 DEC [R1R0] Decrement data memory Machine Code 00001101 Description Data in the data memory specified by the register pair ²R1,R0² is decre- mented by one. Carry flag is not affected. Operation M(R1, R0) ¬ M(R1,R0)-1 HTG12B0 21 September 8, 1999 |