データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT91SAM データシート(PDF) 17 Page - ATMEL Corporation

部品番号 AT91SAM
部品情報  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM データシート(HTML) 17 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 13Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 14Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 15Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 16Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 17Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 18Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 19Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 20Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
7.4
Peripheral DMA Controller
Handles data transfer between peripherals and memories
Eleven channels: SAM7S512/256/128/64/321/161
Nine channels: SAM7S32/16
Two for each USART
Two for the Debug Unit
Two for the Serial Synchronous Controller
Two for the Serial Peripheral Interface
One for the Analog-to-digital Converter
Low bus arbitration overhead
One Master Clock cycle needed for a transfer from memory to peripheral
Two Master Clock cycles needed for a transfer from peripheral to memory
Next Pointer management for reducing interrupt latency requirements
Peripheral DMA Controller (PDC) priority is as follows (from the highest priority to the lowest):
Receive
DBGU
Receive
USART0
Receive
USART1
Receive
SSC
Receive
ADC
Receive
SPI
Transmit
DBGU
Transmit
USART0
Transmit
USART1
Transmit
SSC
Transmit
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50