| データシートサーチシステム |
|
ATMEGA8 データシート(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA8 データシート(HTML) 6 Page - ATMEL Corporation |
|
6 / 331 page ![]() 6 2486AA–AVR–02/2013 ATmega8(L) AV CC AV CC is the supply voltage pin for the A/D Converter, Port C (3..0), and ADC (7..6). It should be externally connected to V CC, even if the ADC is not used. If the ADC is used, it should be con- nected to V CC through a low-pass filter. Note that Port C (5..4) use digital supply voltage, VCC. AREF AREF is the analog reference pin for the A/D Converter. ADC7..6 (TQFP and QFN/MLF Package Only) In the TQFP and QFN/MLF package, ADC7..6 serve as analog inputs to the A/D converter. These pins are powered from the analog supply and serve as 10-bit ADC channels. |