データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MBRB4030 データシート(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

部品番号 MBRB4030
部品情報  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
ホームページ  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB4030 データシート(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB4030 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB4030 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB4030 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB4030 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB4030 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1550, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRB4030
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
40
= Forward Current (40A)
30
= Reverse Voltage (30V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBRB4030
D2PAK
(Pb-Free)
800pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
30
V
Average Forward Current
IF(AV)
50% duty cycle @TC =115°C,
rectangular wave form
40
A
Peak One Cycle
Non-Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
300
A



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com