| データシートサーチシステム |
|
IL715 データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IL715 データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 18 page ![]() IL715/IL716/IL717 4 NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617 Phone: (952) 829-9217 Fax: (952) 829-9189 www.IsoLoop.com ©NVE Corporation IL715 Pin Connections 1 VDD1 Supply voltage 2 GND1 Ground return for V DD 1* 3 IN1 Data in, channel 1 4 IN2 Data in, channel 2 5 IN3 Data in, channel 3 6 IN4 Data in, channel 4 7 NC No connection 8 GND1 Ground return for V DD 1* 9 GND2 Ground return for V DD 2* 10 NC No connection 11 OUT4 Data out, channel 4 12 OUT3 Data out, channel 3 13 OUT2 Data out, channel 2 14 OUT1 Data out, channel 1 15 GND2 Ground return for V DD 2* 16 VDD2 Supply voltage V DD1 GND 1 GND 2 OUT 2 OUT 3 OUT 1 IN 1 IN 2 IN 3 V DD2 IN 4 NC NC OUT 4 GND 1 GND 2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IL715 IL716 Pin Connections 1 VDD1 Supply voltage 2 GND1 Ground Return for V DD 1* 3 IN1 Data in, channel 1 4 IN2 Data in, channel 2 5 OUT3 Data out, channel 3 6 OUT4 Data out, channel 4 7 NC No connection 8 GND1 Ground Return for V DD 1* 9 GND2 Ground Return for V DD 2* 10 NC No connection 11 IN4 Data in, channel 4 12 IN3 Data in, channel 3 13 OUT2 Data out, channel 2 14 OUT1 Data out, channel 1 15 GND2 Ground Return for V DD 2* 16 VDD2 Supply voltage V DD1 GND 1 GND 2 OUT 2 OUT 3 OUT 1 IN 1 IN 2 IN 3 V DD2 IN 4 NC NC OUT 4 GND 1 GND 2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 IL716 *NOTE: Pins 2 and 8 are internally connected, as are pins 9 and 15. |