データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99H01QF データシート(PDF) 36 Page - STMicroelectronics

部品番号 L99H01QF
部品情報  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QF データシート(HTML) 36 Page - STMicroelectronics

Back Button L99H01QF Datasheet HTML 32Page - STMicroelectronics L99H01QF Datasheet HTML 33Page - STMicroelectronics L99H01QF Datasheet HTML 34Page - STMicroelectronics L99H01QF Datasheet HTML 35Page - STMicroelectronics L99H01QF Datasheet HTML 36Page - STMicroelectronics L99H01QF Datasheet HTML 37Page - STMicroelectronics L99H01QF Datasheet HTML 38Page - STMicroelectronics L99H01QF Datasheet HTML 39Page - STMicroelectronics L99H01QF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Functional description of the SPI
L99H01
36/53
DocID15567 Rev 6
4.4.1
SPI clock monitor and watchdog
Figure 11. Global error flag diagram
1.
Writing a “1” to RWD - bit in ApplRegx restarts the internal watchdog counter.
The clock monitor counts the number of clock pulses during a communication frame (while
CSN is low). If the number of SCK pulses does not correspond with the frame width
indicated in the <SPI-frame-ID> (ROM address 03hex) the frame is ignored and the bit
<frame error> in the <Global Status Byte> is set.
Note:
Due to this safety functionality, daisy chaining the SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53