| データシートサーチシステム |
|
MBRF10150CT データシート(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MBRF10150CT データシート(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
2 / 5 page ![]() SANGDEST MICROELECTRONICS Technical Data Green Products Data Sheet N0837, Rev. A • Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113 (86) 25-87123907 • • FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn • MBRF10150CT(CTR) Marking Diagram: Where XXXXX is YYWWL MBR = Device Type F = Package Type 10 = Forward Current (10A) 150 = Reverse Voltage (150V) CT/CTR = Configuration SSG = SSG YY = Year WW = Week L = Lot Number Cautions:Molding resin Epoxy resin UL:94V-0 Ordering Information: Device Package Shipping MBRF10150CT(CTR) ITO-220AB (Pb-Free) 50pcs / tube For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification. Maximum Ratings: Characteristics Symbol Condition Max. Units Peak Inverse Voltage VRWM - 150 V Max. Average Forward Current IF(AV) 50% duty cycle @TC =100°C, rectangular wave form 10 A Max. Peak One Cycle Non- Repetitive Surge Current (per leg) IFSM 8.3 ms, half Sine pulse 138 A MBRF10150CT MBRF10150CTR |