データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC402S データシート(PDF) 17 Page - 3M Electronics

部品番号 SC402S
部品情報  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  3M [3M Electronics]
ホームページ  http://www.3m.com
Logo 3M - 3M Electronics

SC402S データシート(HTML) 17 Page - 3M Electronics

Back Button SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics SC402S Datasheet HTML 15Page - 3M Electronics SC402S Datasheet HTML 16Page - 3M Electronics SC402S Datasheet HTML 17Page - 3M Electronics SC402S Datasheet HTML 18Page - 3M Electronics SC402S Datasheet HTML 19Page - 3M Electronics SC402S Datasheet HTML 20Page - 3M Electronics SC402S Datasheet HTML 21Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
17
3M Touch Systems, Inc. Proprietary Information
The terminator is the last character of each command string and is an ASCII carriage
return CR. An ASCII CR control character is 0D hexadecimal. To enter a carriage return
ending the command sequence, use Enter or the key combination Ctrl M (^M).
This chapter lists each command as a string of ASCII control characters and printable
characters consisting of a header, the command, and a terminator as follows:
<SOH>Command<CR>
Receiving Responses from the Controller
After executing a command, the controller returns a response to the host system. Each
controller response consists of a header, the command response, and a terminator in the
following format:
<Header>Command Response<Terminator>
Note:
The following descriptions of header, response, and terminator, use 3M Touch
Systems terminal emulator key sequences. The format of controller responses varies
depending on the terminal emulation mode you are using.
The header is the first character in the response string and is the ASCII start-of-header
control character SOH. The hexadecimal code for the ASCII SOH control character is 01.
If you are working with an IBM PC compatible system in terminal mode, the SOH
control character returns a ☺ character to the sensor.
The response, which always follows the header, is a range of ASCII characters depending
on the type of command sent. Responses can be in many forms. For example, one
standard response is 0 (ASCII character ‘zero’ or 30 hexadecimal). This response
indicates a successful command completion for most commands, while it indicates a
failed completion for other commands. See the firmware reference section for a
description of what the response indicates for each particular command.
Another standard response is 1 (ASCII character ‘one’ or 31 hexadecimal). In most cases,
this response indicates the command failed. The controller received an invalid command
that it could not execute.
Some possible reasons for a command failure include:
• The command was not formatted correctly.
• The system parameters were not set up to allow command execution.
• The controller does not support the command.
The terminator is the last character of each response string and is an ASCII carriage
return CR. The hexadecimal code for the ASCII CR control character is 0D hexadecimal.
The value returned in the response will be the ASCII control character for a carriage
return, displayed on the sensor as the cursor moving to the next line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29