データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATXMEGA8E5 データシート(PDF) 47 Page - ATMEL Corporation

部品番号 ATXMEGA8E5
部品情報  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 データシート(HTML) 47 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 147 page
background image
47
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
25.
IRCOM – IR Communication Module
25.1
Features
Pulse modulation/demodulation for infrared communication
IrDA compatible for baud rates up to 115.2Kbps
Selectable pulse modulation scheme
3/16 of the baud rate period
Fixed pulse period, 8-bit programmable
Pulse modulation disabled
Built-in filtering
Can be connected to and used by any USART
25.2
Overview
Atmel AVR XMEGA devices contain an infrared communication module (IRCOM) that is IrDA compatible for baud rates
up to 115.2Kbps. It can be connected to any USART to enable infrared pulse encoding/decoding for that USART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More