| データシートサーチシステム |
|
ELJRF2N2FB データシート(PDF) 6 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ELJRF2N2FB データシート(HTML) 6 Page - Panasonic Semiconductor |
|
6 / 8 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Fixed Inductors (Chip Inductors) t1 t2 P0 A P1 P2 f D1 f D 0 Tape running direction Chip component t2 t1 Part P0 fD0 P1 P2 A Tape running direction E C D A W ● Taping Reel Dimensions in mm (not to scale) ● Punched Carrier Tape Dimensions in mm (not to scale) ● Type □F AB W E F P1 RF, QF, PF 0.71 1.21 8.0 1.75 3.5 2.0 P2 P0 0D0 t1 t2 RF, QF, PF 2.0 4.0 01.5 0.7 max. 1.0 max. ■ Packaging Methods (Taping) ● Type □E AB W E F P1 RE, QE, PE 1.0 1.8 8.0 1.75 3.5 4.0 P2 P0 0D0 0D1 t1 t2 RE, QE, PE 2.0 4.0 01.5 00.6 (0.27) 1.2 Parts Types AB C DE W RF, QF, PF RE, QE, PE 180 60 13 21 2 9 Quantity Types Quantity RF, QF, PF 10000 pcs. RE, QE, PE 3000 pcs. ■ Standard Packing Quantity/Reel ✽ Under conditions of high temperature and humidity deterioration of the taping and packaging may be accelerated. Please carefully control storage conditions and use the product within 6 months of receipt. ● Embossed Carrier Tape Dimensions in mm (not to scale) Nov. 2013 04 14 |