| データシートサーチシステム |
|
ELJNDR10JKF データシート(PDF) 11 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ELJNDR10JKF データシート(HTML) 11 Page - Panasonic Semiconductor |
|
11 / 13 page ![]() Chip Inductors s DImensions in mm (not to scale) s Recommended Land Pattern in mm (not to scale) a b c Type RE Type D Type C Type A Type FB a 0.8 ~ 1~0 1.0 ~1.2 1.4 ~ 1.5 1.6 ~2.0 2.4 ~2.6 b 2.0 ~ 2.6 3.0 ~ 3.8 3.5 ~ 4.0 4.0 ~ 4.6 5.5 ~ 6.0 c 0.7 ~ 0.9 0.9 ~ 1.3 1.2 ~ 1.6 1.9 ~ 2.4 2.0 ~ 3.0 1.60 ±0.15 Marking 2.5 3.2 0.4 0.6 0.80 ±0.15 (1.20) 0.40 ±0.20 2.00 +0.30 –0.20 0.3 ±0.2 0.3 ±0.2 Marking 4.5 0.6 Marking Type RE (1.6 x 0.8 x 0.8) Types FC, NC, PC (2.5 x 2.0 x 1.6) Types FA, SA, NA, PA (3.2 x 2.5 x 2.2) Type FB (4.5 x 3.2 x 3.2) Types ND, FD (2.0 x 1.25 x 1.25) Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation. |