データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HJ112 データシート(PDF) 1 Page - Hi-Sincerity Mocroelectronics

部品番号 HJ112
部品情報  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HSMC [Hi-Sincerity Mocroelectronics]
ホームページ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HJ112 データシート(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HJ112 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6030
Issued Date : 1998.07.01
Revised Date : 2002.08.13
Page No. : 1/4
HJ112
HSMC Product Specification
HJ112
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HJ112 is designed for use in general purpose amplifier and low-
speed switching applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ...................................................................................... 150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C)..................................................................................... 20 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... 100 V
VCEO Collector to Emitter Voltage .................................................................................... 100 V
VEBO Emitter to Base Voltage .............................................................................................. 5 V
IC Collector Current .............................................................................................................. 4 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=1mA
BVCEO
100
-
-
V
IC=30mA
ICBO
-
-
10
uA
VCB=80V
ICEO
-
-
20
uA
VCE=50V
IEBO
-
-
2
mA
*VCE(sat)1
-
-
2.5
V
IC=2A, IB=8mA
*VBE(on)
-
-
2.8
V
IC=2A, VCE=3V
*hFE1
500
-
-
IC=0.5A, VCE=3V
*hFE2
1
-
12
K
IC=2A, VCE=3V
*hFE3
200
-
-
IC=4A, VCE=3V
Cob
-
-
100
pF
VCB=10V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
TO-252


同様の部品番号 - HJ112

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HJ1109 HSMC-HJ1109 Datasheet
31Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HJ117 HSMC-HJ117 Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

同様の説明 - HJ112

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com