| データシートサーチシステム |
|
VN750SMP-E データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN750SMP-E データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() VN750SMP-E Package and packing information Doc ID 16812 Rev 2 23/27 4 Package and packing information 4.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 4.2 SO-8 mechanical data Figure 31. SO-8 package dimensions Table 17. SO-8 mechanical data Dim. Millimeter Min. Typ. Max. A 1.75 a1 0.1 0.25 a2 1.65 a3 0.65 0.85 b 0.35 0.48 b1 0.19 0.25 |