| データシートサーチシステム |
|
AT89S53 データシート(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89S53 データシート(HTML) 2 Page - ATMEL Corporation |
|
2 / 3 page ![]() Errata Sheet 2 ISP Line Driving Contention The Atmel AT89S microcontrollers use three SPI lines to implement in-system programming (ISP). When the ISP programmer asserts the RESET line, the target AT89S microcontroller is supposed to tri-state all I/O pins including the SPI lines and then wait for commands from the pro- grammer. Experiments using AT89S devices have shown that if the user code writes to any of the ISP I/O pins (MOSI, MISO, SCK) within approximately 500 ms of the user code coming out of RESET condition, any subsequent serial programming operation fails. The problem is then that the only way to re-program the device successfully is to physically remove it from the target board and erase it in a parallel programmer. The Solution Make sure that the user code does not access any of the ISP I/O pins within 500 ms of coming out of RESET condition. |