データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCS3103FN データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 TCS3103FN
部品情報  The technical content of this TAOS datasheet is still valid.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TCS3103FN データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  TCS3103FN Datasheet HTML 1Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 2Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 3Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 4Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Moisture sensitivity level
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder conditions in accordance with JEDEC J−STD−020A, maximum temperature
260
°C
. . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
Operating free-air temperature, TA
−30
70
°C
Input low voltage on MFP pin, VIL
VDD = 5 V
−0.5
1.5
V
Input high voltage on MFP pin, VIH
VDD = 5 V
3.5
5.5
V
Load capacitance, CL
VDD = 5 V
100
pF
Electrical Characteristics VDD = 5 V, TA = 255C, RL = 10 kW (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VD
Dark voltage, VOR, VOG, VOB
Ee = 0
0
10
mV
VOM
Maximum output voltage
VDD = 5 V
4.8
V
IDD
Supply current
VDD = 5 V, Ee = 0
270
500
μA
λp = 470 nm, Gain select = 1
×
0.02
V/
ReR
Irradiance responsivity, VOR
λp = 524 nm, Gain select = 1
×
0.09
mV/
(
μW/cm2)
ReR
Irradiance responsivity, VOR
λp = 640 nm, Gain select = 1
×
0.3
0.4
0.5
(
μW/cm2)
λp = 470 nm, Gain select = 1
×
0.13
V/
ReG
Irradiance responsivity, VOG
λp = 524 nm, Gain select = 1
×
0.18
0.25
0.31
mV/
(
μW/cm2)
ReG
Irradiance responsivity, VOG
λp = 640 nm, Gain select = 1
×
0.06
(
μW/cm2)
λp = 470 nm, Gain select = 1
×
0.15
0.2
0.25
V/
ReB
Irradiance responsivity, VOB
λp = 524 nm, Gain select = 1
×
0.13
mV/
(
μW/cm2)
ReB
Irradiance responsivity, VOB
λp = 640 nm, Gain select = 1
×
0.12
(
μW/cm2)
Gain scaling, 1
× to 2×
1.9
2
2.1
Gain scaling, 1
× to 4×
3.8
4
4.2
Tc
Temperature coefficient of output voltage
λp ≤ 700 nm, −30°C ≤ TA ≤ 70°C
± 360
ppm/
°C
Dynamic Characteristics, VDD = 5 V, TA = 255C, RL = 10 kW (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain select = 1
×
12
μs
tr
Output pulse rise time, 10% to 90% of final value
Gain select = 2
×
24
μs
tr
Output pulse rise time, 10% to 90% of final value
Gain select = 4
×
40
μs
Gain select = 1
×
15
μs
tf
Output pulse fall time, 90% to 10% of final value
Gain select = 2
×
28
μs
tf
Output pulse fall time, 90% to 10% of final value
Gain select = 4
×
44
μs
Integrated noise voltage
f = DC to 1 kHz, Ee = 0
200
μVrms
tPZX
Propagation delay, output active
VDD ramp 0 V to 5 V
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com