| データシートサーチシステム |
|
AT89LP51RC2 データシート(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP51RC2 データシート(HTML) 63 Page - ATMEL Corporation |
|
63 / 254 page ![]() 63 3722A–MICRO–10/11 AT89LP51RB2/RC2/IC2 Preliminary 9.3 Interrupt Registers Table 9-3. IEN0 – Interrupt Enable Register 0 IEN0 = A8H Reset Value = 0000 0000B Bit Addressable EA EC ET2 ES ET1 EX1 ET0 EX0 Bit 7 6 543 21 0 Symbol Function EA Global Interrupt Enable All interrupts are disabled when EA = 0. When EA = 1, each interrupt source is enabled/disabled by setting /clearing its own enable bit. EC PCA Interrupt Enable Clear to disable the PCA interrupt. Set to enable the PCA interrupt when EA = 1. ET2 Timer 2 Interrupt Enable Clear to disable the Timer 2 interrupt. Set to enable the Timer 2 interrupt when EA = 1. ES Serial Port Interrupt Enable Clear to disable the UART interrupt. Set to enable the UART interrupt when EA = 1. ET1 Timer 1 Interrupt Enable Clear to disable the Timer 1 interrupt. Set to enable the Timer 1 interrupt when EA = 1. EX1 External Interrupt 1 Enable. Clear to disable the INT1 interrupt. Set to enable the INT1 interrupt when EA = 1. ET0 Timer 0 Interrupt Enable Clear to disable the Timer 0 interrupt. Set to enable the Timer 0 interrupt when EA = 1. EX0 External Interrupt 0 Enable Clear to disable the INT0 interrupt. Set to enable the INT0 interrupt when EA = 1. Table 9-4. IEN1 – Interrupt Enable Register 1 IEN1 = B1H Reset Value = 0000 0000B Bit Addressable – – EADC ECMP – ESPI ETWI EKBD Bit 7 6 543 21 0 Symbol Function EADC ADC Interrupt Enable. Clear to disable the ADC interrupt. Set to enable the ADC interrupt when EA = 1. ECMP Analog COmparator Interrupt Enable Clear to disable the Analog Comparator interrupt. Set to enable the Analog Comparator interrupt when EA = 1. ESPI SPI Interrupt Enable Clear to disable the SPI interrupt. Set to enable the SPI interrupt when EA = 1. ETWI TWI Interrupt Enable Clear to disable the TWI interrupt. Set to enable the TWI interrupt when EA = 1. EKBD Keyboard Interrupt Enable Clear to disable the Keyboard interrupt. Set to enable the Keyboard interrupt when EA = 1. |