データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L103C330 データシート(PDF) 3 Page - Bi technologies

部品番号 L103C330
部品情報  Thick Film Low Profile SIP Conformal Coated Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BITECH [Bi technologies]
ホームページ  http://www.bitechnologies.com
Logo BITECH - Bi technologies

L103C330 データシート(HTML) 3 Page - Bi technologies

  L103C330 Datasheet HTML 1Page - Bi technologies L103C330 Datasheet HTML 2Page - Bi technologies L103C330 Datasheet HTML 3Page - Bi technologies L103C330 Datasheet HTML 4Page - Bi technologies L103C330 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4
4-39
Model L Series
12
3
4
n
-3 Circuit
Isolated Resistors
-5 Circuit
Dual Terminator
12
3
4
R1
R2
n
12
3
4
n
-1 Circuit
Bussed Resistors
No. of Leads
.100
± .005
2.54
± 0.13
Pitch. Non-
Accumulative
.020
± .004
0.51
± 0.10
.012
± .003
0.31
± 0.08
Centered
on Package
.140
± .020
3.56
± 0.51
.195
4.95
Max.
“L” Max.
.095
2.41
Max.
1.40
35.56
14
1.30
33.02
13
1.20
30.48
12
1.10
27.94
11
1.00
25.40
10
.90
22.86
9
.80
20.32
8
.70
17.78
7
.60
15.24
6
.50
12.70
5
.40
10.16
Dim. “L”
Max.
4
# of Leads
OUTLINE DIMENSIONS (Inch/mm)
SCHEMATICS



Html Pages

1 2 3 4 5