データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPB-3640G データシート(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 SPB-3640G
部品情報  155 Mbps Single-Fiber SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

SPB-3640G データシート(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  SPB-3640G Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. SPB-3640G Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. SPB-3640G Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. SPB-3640G Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. SPB-3640G Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. SPB-3640G Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Optoway
SPB-3640G
*********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPB-3640G
SPB-3640BG
SPB-3640AG
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Power Supply Current
ICC (TX+RX)
200
300
mA
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPB-3640G
oC / SPB-3640BG
oC / SPB-3640AG
Data Rate
125/155
200
Mb/s
Transmitter Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-8
---
-3
dBm
1
Output Center Wavelength
λ
1270
1360
nm
Output Spectrum Width
∆λ
---
---
4
nm
RMS (σ)
Extinction Ratio
ER
10
---
---
dB
Output Eye
Compliant with Bellcore GR-253-CORE and ITU recommendation G.957
Optical Rise Time
tr
2
ns
10% to 90% Values
Optical Fall Time
tf
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-116
dB/Hz
Total Jitter
TJ
1.0
ns
2
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage – Low
TDIS, L
0
0.5
V
3
TX Disable Input Voltage – High
TDIS, H
2.0
Vcc
V
3
TX Disable Assert Time
TASSERT
10
µs
TX Disable Deassert Time
TDEASSERT
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.5
V
4
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
4
Notes: 1. Output power is power coupled into a 9/125
µm single mode fiber.
2. Measured with a 2
23-1 PRBS.
3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX.
4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com