データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSC201J データシート(PDF) 4 Page - C&K Components

部品番号 KSC201J
部品情報  Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC201J データシート(HTML) 4 Page - C&K Components

  KSC201J Datasheet HTML 1Page - C&K Components KSC201J Datasheet HTML 2Page - C&K Components KSC201J Datasheet HTML 3Page - C&K Components KSC201J Datasheet HTML 4Page - C&K Components KSC201J Datasheet HTML 5Page - C&K Components KSC201J Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSC Series
Sealed Tact Switch for SMT
0,3±0,05
(.012±.002)
4,0+0,2/-0,0
(.157+.008/-.000)
8,0
(.315)
2±0,05
(.079±.002)
20,05
(.079.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
0,25±0,05
(.010±.002)
3,15+0,2/-0,0
(.124+.008/-.000)
8,0
(.315)
2,0±0,05
(.079±.002)
2,00,05
(.079.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
0,3±0,05
(.012±.002)
3,2+0,2/-0,0
(.126+.008/-.000)
8,0
(.315)
2,0±0,05
(.079±.002)
2,0±0,05
(.079±.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
FOR KSC1 J TERMINATION
0,250,05
(.010.002)
3,95+0,2/-0,0
(.156+.008/-.000)
8,0
(.315)
20,05
(.079.002)
20,05
(.079.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
FOR KSC2 & KSC3 G TERMINATION
FOR KSC1 G TERMINATION
FOR KSC2 & KSC3 J TERMINATION
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
TAPE & REEL
B–38
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14



Html Pages

1 2 3 4 5 6