| データシートサーチシステム |
|
GMS30C2132 データシート(PDF) 89 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30C2132 データシート(HTML) 89 Page - Hynix Semiconductor |
|
89 / 322 page ![]() INSTRUCTION SET 3-25 Register L0 : $C000FFFF L1 : $2 Instruction SARI L0, $4 ; L0 = $FC000FFF SAL L0, L1 ; L0 = $F0003FFF SHRI L0, $4 ; L0 = $0C000FFF SHL L0, L1 ; L0 = $30003FFF 3.16 Rotate Left Instruction The destination operand is shifted left by a number of bit positions and the bits shifted out are inserted in the vacated bit positions; thus, the destination operand is rotated. The condition flags are set or cleared accordingly. Bits 4..0 of the source operand specify a rotation by 0..31 bit positions; bits 31..5 of the source operand are ignored. The destination operand is interpreted as a bit-string of 32 bits. Format Notation Operation LL ROL Ld, Ls Ld := Ld rotated left by Ls(4..0); Z := Ld = 0; N := Ld(31); V := undefined; C := undefined; Note: The condition flags are set or cleared by the same rules applying to the Shift Left instructions. Register L0 : $C000FFFF L1 : $4 Instruction ROL L0, L1 ; L0 = $000FFFFC |