データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GMS36 データシート(PDF) 65 Page - Hynix Semiconductor

部品番号 GMS36
部品情報  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYNIX [Hynix Semiconductor]
ホームページ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 データシート(HTML) 65 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 61Page - Hynix Semiconductor GMS36 Datasheet HTML 62Page - Hynix Semiconductor GMS36 Datasheet HTML 63Page - Hynix Semiconductor GMS36 Datasheet HTML 64Page - Hynix Semiconductor GMS36 Datasheet HTML 65Page - Hynix Semiconductor GMS36 Datasheet HTML 66Page - Hynix Semiconductor GMS36 Datasheet HTML 67Page - Hynix Semiconductor GMS36 Datasheet HTML 68Page - Hynix Semiconductor GMS36 Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
6-1
Guideline for S/W
1. All rams need to be initialized to zero in reset address for proper design.
2. Make the output ports `H` after reset.
3. Do not use WDTR instruction in subroutine.
4. Before reading the input port the waiting time should be more than 200uS.
5. To decrease current consumption, make the output port as high in normal routine except
for key scan strobe and STOP mode.
6. We recommend you do not use all 64 bytes in a page. You had better write ` BR $` in
unused area. This will help you prevent unusual operation of MCU.
7. Be careful not to use long call or branch (CALL,BL) with arithmetic manipulation.
If you want to use branch right after arithmetic manipulation, the long call or branch will be
against your intention.
ex)
LAR
; The value of R ports -> Accumulator
ALEI
14 ; A
õ14 : S = 1,
A
14 : S = 0
BL TRUE ; S is always 1 because BL is composed of LPBI and BR.
-------------- Fail
LAR
; The value of R ports -> Accumulator
ALEI
14 ; A
õ14 : S = 1,
A
14 : S = 0
BR TRUE ; When S is 1 Branch will occur. Otherwise Branch will not occur and
LAK
; next instruction will be operated.
-------------- Right
Chapter 6. Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More