| データシートサーチシステム |
|
AT80SND2CMP3B データシート(PDF) 30 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B データシート(HTML) 30 Page - ATMEL Corporation |
|
30 / 242 page ![]() 30 4341H–MP3–10/07 AT8xC51SND2C/MP3B Reset Value = X000 1101b 1 EXTRAM External RAM Enable Bit Set to select the external XRAM when executing MOVX @Ri or MOVX @DPTR instructions. Clear to select the internal expanded RAM when executing MOVX @Ri or MOVX @DPTR instructions. 0 AO ALE Output Enable Bit Set to output the ALE signal only during MOVX instructions. Clear to output the ALE signal at a constant rate of FCPU/3. Bit Number Bit Mnemonic Description |