| データシートサーチシステム |
|
AT83SND2CMP3B データシート(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B データシート(HTML) 45 Page - ATMEL Corporation |
|
45 / 242 page ![]() 45 4341H–MP3–10/07 AT8xC51SND2C/MP3B Table 9-8. IPL0 Register IPL0 (S:B8h) - Interrupt Priority Low Register 0 Reset Value = X000 0000b 7 6 5 4 3 2 1 0 - IPLAUD IPLMP3 IPLS IPLT1 IPLX1 IPLT0 IPLX0 Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 IPLAUD Audio Interface Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 5 IPLMP3 MP3 Decoder Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 4 IPLS Serial Port Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 3 IPLT1 Timer 1 Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 2 IPLX1 External Interrupt 1 Priority Level LSB Refer to Table 9-2 for priority level description. 1 IPLT0 Timer 0 Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 0 IPLX0 External Interrupt 0 Priority Level LSB Refer to Table 9-2 for priority level description. |