| データシートサーチシステム |
|
HDM8513AP データシート(PDF) 38 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HDM8513AP データシート(HTML) 38 Page - Hynix Semiconductor |
|
38 / 67 page ![]() 38 VB_CLOCK The positive edge of this signal indicates that VB_DATA is valid. SIGMADELTA This is an one bit Sigma Delta D/A converter which has 8 bits of resolution. This output must be filtered with an analog low pass filter off the chip. This output may be used for any external analog control. LNB_TONE This is a 22KHz clock output to control the LNB. TEST[15:0] The data provided on the test output signals is defined by data value of register 14H. Refer to register 14H. |