データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLF548_2015 データシート(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BLF548_2015
部品情報  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF548_2015 データシート(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF548_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF548_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
October 1992
2
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF548
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures
excellent reliability
• Designed for broadband operation.
DESCRIPTION
Dual push-pull silicon N-channel
enhancement mode vertical D-MOS
transistor designed for
communications transmitter
applications in the UHF frequency
range.
The transistor is encapsulated in a
4-lead, SOT262A2 balanced flange
envelope, with two ceramic caps. The
mounting flange provides the
common source connection for the
transistors.
PINNING - SOT262A2
PIN
DESCRIPTION
1
drain 1
2
drain 2
3
gate 1
4
gate 2
5
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO discs are not damaged. All persons who handle, use or dispose
of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
halfpage
12
34
MSB008
Top view
55
MBB157
g2
g1
d2
d1
s
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a push-pull common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
500
28
150
> 10
> 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com